Part Number Hot Search : 
30MD61 CRB32E1 LTC4065L 2SA854S 30P124 245W042 GM9015 WRB1215
Product Description
Full Text Search
 

To Download 1050278001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
1050278001 Active
microsd 1.10mm(.043"), 0.75mm(.030"), 0.70mm(.028") Pitch microSD Card Header with Detect Switch (VDD), Height 1.70mm (.067"), Lead Free
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series Memory Card Sockets 105027 Push-Pull
  • Ground Pin located between Pin 4 and 5 I/O Header (Card) microsd microSD Card, TransFlash N/A image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
    General
    Product Family Series Button Type Comments Component Type Overview Product Name Type
    Physical
    Card Detection Switch Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Temperature Range - Operating Termination Interface: Style Yes 8 8 Black 10,000 No Ejector Button Present Horizontal Yes Phosphor Bronze Gold Gold High Temperature Thermoplastic No Normal Yes Embossed Tape on Reel 0.043 In 1.10 mm 0.043 In 1.10 mm 29.5 0.75 2 0.05 1 -40C to +85C Surface Mount
    Search Parts in this Series 105027Series Mates With Standard SIM Card Use With microSD Card
    Electrical
    Current - Maximum per Contact Shielded Voltage - Maximum 0.5A Yes 5V DC
    Solder Process Data
    Duration at Max. Process Temperature (seconds) Lead-free Process Capability 2 Reflow Capable (SMT only)
    Max. Cycles at Max. Process Temperature Process Temperature max. C
    2 255
    Material Info Reference - Drawing Numbers
    Packaging Specification Sales Drawing PK-105027-001 SD-105027-801
    This document was generated on 06/01/2010
    PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION

  • ▲Up To Search▲   

     
    Price & Availability of 1050278001

    All Rights Reserved © IC-ON-LINE 2003 - 2022  

    [Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
    Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


     . . . . .
      We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X